PART |
Description |
Maker |
STD2NB80 6424 STD2NB80T4 |
From old datasheet system N-CHANNEL MOSFET N - CHANNEL 800V - 4.6 ohm - 1.9A - IPAK/DPAK PowerMESH MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 1.9A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 800V的五(巴西)直| 1.9AI(四)|52AA
|
SGS Thomson Microelectronics ST Microelectronics 意法半导 STMicroelectronics N.V.
|
STB4NB80 STB4NB80FP 5976 |
N - CHANNEL 800V - 3 Ohm - 4A - PowerMESH MOSFET From old datasheet system N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESHO MOSFET N-Channel 800V-3Ω-4A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N-Channel 800V-3Ω-4A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N沟道800V3Ω- 4A条,TO-220/TO-220FP PowerMESHTM MOSFET的(不适用沟道MOSFET的)
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STB6NC80 STB6NC80Z STB6NC80Z-1 STP6NC80ZFP STP6NC8 |
N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N沟道800V 1.5ohm - 5.4A TO-220/FP/D?巴基斯我?巴基斯坦齐保护的PowerMESH⑩三MOSFET 5.4 A, 800 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
意法半导 STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
MMF80R450P MMF80R450PTH |
800V 0.45(ohm) N-channel MOSFET
|
MagnaChip Semiconductor...
|
STD2NB80T4 STD2NB80-1 |
N-CHANNEL 800V - 4.6 OHM - 1.9A - IPAK/DPAK POWERMESH MOSFET
|
ST Microelectronics
|
STP4NC80ZFP |
N-CHANNEL 800V 2.4 OHM 4A TO-220 TO-220FP I2PAK ZENER PROTECTED POWERMESH III MOSFET
|
SGS Thomson Microelectronics
|
FQA8N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
STP3NB80 STP3NB80FP 5954 |
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET -频道800V 4.6ohm - 2.6A的电 TO-220/TO-220FP PowerMESH MOSFET From old datasheet system N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET N - CHANNEL 800V - 4.6 Ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
FQPF6N80C FQP6N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
SML80H14 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 13.5 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω))
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
STW9NC80Z 7287 |
N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH?III MOSFET N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH⑩III MOSFET From old datasheet system N-CHANNEL 800 V - 0.82 OHM - 9.4 A TO-247 ZENER-PROTECTED POWERMESH III MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|